Part Number Hot Search : 
CO55C DF10S Q7015R9 30150 MB90F347 CXK5416P SFH495P LP295
Product Description
Full Text Search
 

To Download 6643 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LAN
10/100 Base-TX Quad Port
6643
The 6643 is designed to support four (4) single or double stacked RJ-45 connectors and incorporates a unique patented interlock base design. * Unit is compliant with IEEE 802.3 and ANSI X3.263 standards including 350 H OCL with 8 mA bias from 0 C to 70 C. * IC grade transfer -molded package withstands 235 C peak reflow temperature profile.
MECHANICAL
RD1+ 1 40 RX1+
RD1TCT1
1.125 Max 28,58
2 3
39 38
RX1CMT1
TD1+
4
37
TX1+
0.640 Max 16,26
6643
YYWW
0.050 1,27
0.090 2,29
TD10.480 12,19
5 6
36 35
TX1TX2-
TD2-
19X
0.050 1,27 0.950 24,13
40 X
0.018 0,46
40 X
0.030 0,77
TD2+
7
34
TX2+
0.050 0.950 = 19 X 1,14 24,13
TCT2
8
33
CMT2
.485 12,32
RD2.230 Max 5,84
9 10
32 31
RX2-
40 Surfaces .004 / 0,10 40 X 0.024 0,61
0.010 0.005 0,25 0,13
0 -8
RD2+
RX2+
.045 40 X 1,14
RD3+
11
30
RX3+
RD3TCT3
12 13
29 RX328 CMT3
TD3+
14
27
TX3+
Rd
Td
CHIP SIDE Td Rd Rd
Td
Td
Rd
TD3-
15
26
TX3-
TD4-
16
25
TX4-
Rx
Tx
Tx
Rx
Rx
Tx
Tx
Rx
TD4+ 17 24 TX4+
MEDIA SIDE ALL CHANNELS ARE IN PHASE BETWEEN INPUT AND OUTPUT
TCT4 RLD4-
18 19 20
23 22 21
CMT4 RX4-
RLD4+
RX4+
6643
ELECTRICAL SPECIFICATION
Return Loss: 2 - 30 MHz . . . . . . . . . . . . . . . . . .> 21 dB 40 MHz . . . . . . . . . . . . . . . . . . . . . . . . .> 17 dB 50 MHz . . . . . . . . . . . . . . . . . . . . . . .> 14.5 dB 60 - 80 MHz . . . . . . . . . . . . . . . . . . . . .>12 dB Crosstalk: 1 MHz . . . . . . . . . . . . . . . . . . . . . .65 dB TYP 30 MHz . . . . . . . . . . . . . . . . . . . . . .55 dB TYP 60 MHz . . . . . . . . . . . . . . . . . . . . . .45 dB TYP 100 MHz . . . . . . . . . . . . . . . . . . . . .35 dB TYP Insertion Loss 0.1 - 100 MHz: . . . . . . . . . . . . . . .<1.1 dB Inductance @ 100 kHz 0.1 VAC 8 mA DC: . . . . . . . . . . . . . . . . . . . . . . .>350 H Common to Common Reject Ratio 0.1 - 60 MHz: . . . . . . .Transmit 30 dB TYP . . . . . . . . . . . . . . . . . . . . . . .Receive30 dB TYP Differential to Common Mode Rejection 1-60 MHz: . . . . . . . . . . . . . . .40 dB TYP 60-200 MHz: . . . . . . . . . . . . . . . . . .30 dB TYP Dielectric Test: . . . . . . . . . . . . . . . . . . . . . . . . .1500 VAC
ISSUE: 00/07/12
An ISO 9001 Registered Company
229 Colonnade Road, Nepean, Ontario, Canada K2E 7K3 Tel: (613) 226-1626 Fax: (613) 226-7124 www.filtran.com


▲Up To Search▲   

 
Price & Availability of 6643

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X